Part Number Hot Search : 
DTC143 M3812 BT137S 9012DC L6910GTR 60001 2500E 1N6091C
Product Description
Full Text Search
 

To Download MBRB3035CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR3035(45)CT MBRF3035(45)CT MBRB3035(45)CT Series Dual Schottky Barrier Rectifiers
FEATURES
Reverse voltage 35 to 45 V Forward current 3.0 A Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Dual rectifier construction, positive center tap Metal silicon junction, majority carrier conduction Low power loss, high efficiency Guard ring for over voltage protection For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications
MECHANICAL DATA
Case: JEDEC TO-220AB, ITO-220AB, TO263AB molded plastic body Terminals: Plated leads, solder-able per MILSTD-750, Method 2026 High temperature soldering guaranteed: 250oC/10 seconds, 0.25" (6.35mm) from case (TO-220AB, ITO-220AB) at terminals (TO236AB) Polarity: As marked Mounting Position: Any Mounting Torque: 10 in-lbs maximum Weight: 0.08 ounce, 2.24 grams
PACKAGE DIMENSIONS TO-220AB
12/24/2006 Rev. 1.01
www.SiliconStandard.com
1
MBR3035(45)CT MBRF3035(45)CT MBRB3035(45)CT Series
ITO-220AB
Mounting Pad Layout TO-263AB
TO-263AB(D2PAK)
12/24/2006 Rev. 1.01
www.SiliconStandard.com
2
MBR3035(45)CT MBRF3035(45)CT MBRB3035(45)CT Series
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
Unless otherwise specified, these specifications apply over the operating ambient temperature of 25.
Notes: 1. Clip mounting (on case), where lead does not overlap heat sink with 0.110" offset 2. Clip mounting (on case), where leads do overlap heat sink Screw mounting with 4-40 screw, where washer diameter is < 4.9 mm (0.19") 3. Pulse test: 300us pulse width, 1% duty cycle
12/24/2006 Rev. 1.01
www.SiliconStandard.com
3
MBR3035(45)CT MBRF3035(45)CT MBRB3035(45)CT Series
RATINGS AND CHARACTERISTIC CURVES (TA = 25 unless otherwise specified)
12/24/2006 Rev. 1.01
www.SiliconStandard.com
4
MBR3035(45)CT MBRF3035(45)CT MBRB3035(45)CT Series
Disclaimer
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no guarantee or warranty, expressed or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of Silicon Standard Corporation or any third parties.
12/24/2006 Rev. 1.01
www.SiliconStandard.com
5


▲Up To Search▲   

 
Price & Availability of MBRB3035CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X